Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 28 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 28 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 24Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 25Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 52 page
background image
MC44BS373CA Data Sheet
High Speed I2C Compatible Bus
High Speed I2C Compatible Bus
16.2 Timing Definitions
Figure 11. SSDA/SSCL Timing
Table 27. Electrical Characteristics
Electrical Characteristics
Symbol Minimum Typical Maximum
Unit
Type
SDA/SCL output current at 0V
–5
–2
—
µAA
SDA/SCL low input level
VIL
——
1.5
V
B
SDA/SCL high input level
VIH
2.1
—
—
V
B
SDA/SCL input current for input level from 0.4 V to 0.3 VCC
–5
—
5
µAC
SDA/SCL input level
0
—
VCC+0.3
V
D
SDA/SCL capacitance
—
—
10
pF
C
ACK low output level (3 mA sinking current)
—
—
0.3
V
C
ACK low output level (9 mA sinking current)
—
—
0.8
V
C
Table 28. Timing Characteristics
Timing Characteristics
Symbol
Minimum
Typical
Maximum
Unit
Type
Bus clock frequency
0
—
800
kHz
C
Bus free time between stop and start
Tbuf
200
—
—
ns
C
Setup time for start condition
Tsu;sta
500
—
—
ns
C
Hold time for start condition
Thd;sta
500
—
—
ns
C
Data setup time
Tsu;dat
0—
—
ns
C
Data hold time
Thd;dat
0—
—
ns
C
Setup time for stop condition
Tsu;sto
500
—
—
ns
C
Hold time for stop condition
Thd;sto
500
—
—
ns
C
Acknowledge propagation delay
Tack;low
——
300
ns
C
SDA fall time at 3 ma sink I and 130-pF load
—
—
50
ns
C
SDA fall time at 3 ma sink I and 400-pF load
—
—
80
ns
C
SDA rise time
SCL fall/rise time
—
—
—
—
300
300
ns
ns
C
C
Pulse width of spikes suppressed by the input filter
—
—
50
ns
C
Tbuf
SSDA
...
...
ACK
Thd;dat
Tsu;dat
Tsu;sto
Thd;sta
Tack;low
Start
Stop
SSCL
SCL
SDA
Tsu;sta
Chip Address
SCL
SDA
Thd;sto
Start
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com