Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 30 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 30 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 26Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 27Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
MC44BS373CA Data Sheet
High Speed I2C Compatible Bus
High Speed I2C Compatible Bus
The bus receiver operates the I2C-compatible data format. The chip address (I2C bus) is shown in Table 30.
In write mode, each ninth data bit (bits 9, 18, 27, 36, and 45 ) is an acknowledge bit (ACK) during which
the MCU sends a logic 1 and the modulator circuit answers on the data line by pulling it low. Besides the
chip address, the circuit needs 2 or 4 data bytes for operation. The sequences of data bytes shown in Table 31
are the permitted incoming information.
After the chip address (CA), 2 or 4 data bytes may be received.
If 3 data bytes are received, the third one is ignored.
If 5 or more data bytes are received, the fifth and following ones are ignored, and the last ACK pulse
is sent at the end of the fourth data byte.
The first and third data bytes contain a function bit, which lets the IC distinguish between frequency
information and control information. If the function bit is a logic 1, the two following bytes contain control
information. The first data byte after the chip address may be byte CO or byte FM. The 2 bytes of frequency
information are preceded by a logic 0.
16.6 I2C Read Mode Format
The chip address (I2C bus) is shown in Table 32.
The incoming information consists of the read-mode chip address byte. The device then answers with an
ACK followed by 1 byte containing 3 bits of status information. No acknowledge is answered by the
modulator after this byte.
Table 30. Chip Address (I2C Write Mode)
1 1001 000 (ACK)=0xC8 in write mode
1 1001 010 (ACK)=0xCA in write mode
1 1001 100 (ACK)= 0xCC in write mode
1 1 0 0 1 1 1 0 (ACK) = 0xCE in write mode
Table 31. Permitted Data Bytes (Incoming Information)
Example 1
STA
CA
C1
C0
STO
Example 2
STA
CA
FM
FL
STO
Example 3
STA
CA
C1
C0
FM
FL
STO
Example 4
STA
CA
FM
FL
C1
C0
STO
Notes:
• STA = Start condition
• FM = Frequency information, high order bits
• C1 = Control information, high order bits
• STO = Stop condition
•CA = Chip Address
• FL = Frequency information, low order bits
• CO = Control information, low order bits
Table 32. Chip Address (I2C Read Mode)
1 1 001001 (ACK)=0xC9 (hex) in read mode
1 1 00101 1 (ACK) = 0xCB (hex) in read mode
1 1 0 0 1 1 0 1 (ACK) = 0xCD (hex) in read mode
1 1 0 0 1 1 1 1 (ACK) = 0xCF (hex) in read mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com