Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 52 page
background image
MC44BS373CA Data Sheet
I2C Programming
Table 15 lists the UHF settings used.
Table 16 lists the other settings used.
Table 17 lists settings of fields X2, X1, and X0, used to set the device into test mode 1 and to control the
VHF range.
NOTE
Test modes 1 and 2 are intended for manufacturing test purposes only and
cannot be used for normal applications, except for VHF range (states 1.b
to 1.e).
Table 15. UHF Settings
Bit
Value
Setting
UHF Oscillator
OSC
0
Normal operation
1
UHF oscillator disabled (oscillator and PLL sections bias turned off)
Modulator Output Attenuation
ATT
0
Normal operation
1
Modulator output attenuation (sound and video modulators sections bias turned off)
Table 16. Other Settings
Bit
Value
Setting
Sound PLL
SREF
0
Sound reference frequency = 31.25 kHz.
1
Sound reference frequency = 62.5 kHz.
Logic Output Port
LOP
0
LOP pin is low voltage.
1
LOP pin is high impedance.
Standby Mode
OSC
SO
ATT
1, 1, 1
Puts the MC44BS373CA into standby mode. See Section 15.3, “Standby Mode,” for
more information.
Table 17. Write Mode—Test Mode 1 and VHF Range
X2
X1
X0
State
Description
0
0
0
1.a
Normal operation
0
0
1
1.b
RF frequency divided for low-frequency testing or VHF range: RF/2
010
1.c
RF/4
011
1.d
RF/8
100
1.e
RF/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com