Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 19 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 19 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 23Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
MC44BS373CA Data Sheet
Characterization Measurement Conditions
Picture Carrier Harmonics
No video signal
No audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), second and
third harmonic of channel frequency, resulting in the following spectrum
.
Out-of-Band Spurious
No video signal
No audio signal
Measure in dB
µV spurious levels at 0.25, 0.5, 0.75 and 1.5 times channel
frequency, resulting in the following spectrum (measure from 40 MHz to
1GHz
):
In-Band Spurious
No video signal
No audio signal
Measure in dBc, in reference to picture carrier (TVout_Ref), spurious
levels falling into video bandwidth starting from ±100 kHz from the picture
carrier up to ±5MHz.
Video Bandwidth
No audio
Video: 600-mVp-p sinusoidal signal
inserted on the black level of active video
area
The video signal is demodulated on the spectrum analyzer, and the peak
level of the 100-kHz signal is measured as a reference. The frequency is
then swept from 100 kHz to 5 MHz, and then the difference in dB from the
100-kHz reference level is measured.
Weighted Video Signal to Noise
Video: 100% white video signal, 1 Vp-p.
No audio signal
This is measured using a Rohde & Schwarz
AMFS UHF demodulator in B/G (using a
CCIR Rec. 567 weighting network),
100-kHz to 5-MHz band with sound trap
and envelope detection, and a Rohde &
Schwarz UAF video analyzer.
The video analyzer measures the ratio between the amplitude of the
active area of the video signal (700 mV) and the noise level in Vrms on a
video black level which is shown below.
Video S/N is calculated as 20 x log(700/N) in dB.
Table 24. Measurement Conditions (continued)
Device and Signal Set-Up
Measurement Set-Up
Picture carrier
3rd harmonic
3Fo
Fo
2Fo
2nd harmonic
Picture carrier
Fo
× 3/2
Fo/2
Fo/4
Fo
×3/4
Fo
Spurious
N
noise level in Vrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com