Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 18 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 18 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 17Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 18Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 19Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 20Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 21Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 22Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 52 page
background image
MC44BS373CA Data Sheet
Characterization Measurement Conditions
Characterization Measurement Conditions
TVOUT Output Attenuation
ATT bit = 1
No video signal
No audio signal
Measure in dBc picture carrier at ATT = 1 with reference to picture carrier
at ATT = 0
Sound Subcarrier Harmonics
Video: 10-step grey scale
No audio signal
Measure in dBc second and third sound harmonics levels in reference to
picture carrier (TVout_Ref).
Second Harmonics of Chroma Subcarrier
No audio
Video: a 700-mVp-p, 100-kHz sinusoidal
signal is inserted on the black level of active
video area.
Measure in dBc, in reference to picture carrier (TVout_Ref), second
harmonic of chroma at channel frequency plus two times chroma
frequency, resulting in the following spectrum.
Chroma/Sound Intermodulation
No audio signal
Video: a 700-mVp-p, 100-kHz sinusoidal
signal is inserted on the black level of active
video area.This is generated using a
Rohde & Schwarz video generator SAF
and inserting the required frequency from
an RF signal generator.
Measure in dBc, in reference to picture carrier (TVout_Ref),
intermodulation product at channel frequency plus the sound carrier
frequency (+5.5 MHz) minus the chroma frequency (–4.43 MHz),
resulting in the following spectrum (Intermodulation product is at the
channel frequency +1.07 MHz):
Table 24. Measurement Conditions (continued)
Device and Signal Set-Up
Measurement Set-Up
Picture Carrier
Sound Carrier
Sound 2nd
+5.5MHz
Fo
+11MHz +16.5MHz
Harmonic
Sound
3rd Harmonic
700mV pk-pk
Frequency
100kHz
Frequency
100 kHz
700 mVp-p
Picture Carrier
Sound
Chroma 2nd
+8.86 MHz
Fo
+4.43 MHz +5.5 MHz
Harmonic
Carrier
Chroma
Carrier
700mV pk-pk
Frequency
100kHz
Frequency
4.43 MHz
700 mVp-p
Picture Carrier
Chroma/Sound
+1.07MHz
Fo
Intermodulation
Sound
+4.43 MHz +5.5 MHz
Carrier
Chroma
Carrier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com