Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 34 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 34 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 38Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 52 page
background image
MC44BS373CA Data Sheet
Application Diagrams
Application Diagrams
18.3 BiCMOS Modulator QFN20 Mono Application
Figure 17. Proposed QFN20 Package (Mono Application Schematic)
Notes:
10. Cx value depends on crystal characteristics; Cx = 27 pF on Motorola application board
11. RF PLL loop filter components at pin 16 must be as close as possible to FCC at pin 17.
12. Supply voltage decoupling capacitors must be as close as possible to ground.
13. Chip address select pin open (default I2C address = 0xCA).
TVOUT
O
2.2k
22nF
1nF
10nF
47nF
Vcc
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
SDA
4MHz
Vcc
Pre-em
O
O
O
GND
TVOVCC
LOP
TVOUT
Audio
Video
LOP
10 nF
1uF
220nF
100nF
Cx
22nF
470pF
75
XTAL
GND
PREEM
10nF
O
Note 10
15K
Note 11
Note 12
Note 12
17
18
19
20
CAS
NC
NC
Note 13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com