Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 52 page
background image
MC44BS373CA Data Sheet
Maximum Ratings
Maximum Ratings
5 Maximum Ratings
Table 3 lists the maximum ratings supported for operating conditions of the MC44BS373CA.
NOTE
This device contains protection circuitry to guard against damage due to
high-static voltage or electric fields. However, precautions must be taken
to avoid applications of any voltages higher than maximum rated voltage
to this high-impedance circuit. For proper operation, input and output
voltages should be constrained to the ranges indicated in the recommended
operating conditions.
Moisture sensitivity level ratings for the different packages are given in Table 4.
6 Thermal Ratings
Table 5 lists the junction-to-ambient thermal resistance for both packages.
Table 3. Maximum Ratings 1
1 Maximum ratings are those values beyond which damage to the device may occur. For
functional operation, values should be restricted to the recommended operating
conditions.
Symbol
Parameter
Value
Unit
VCC
Supply voltage
6
V
Tamin
Minimum operating ambient temperature
–20
°C
Tamax
Maximum operating ambient temperature
+85
°C
Tstgmin
Minimum storage temperature
–65
°C
Tstgmax
Maximum storage temperature
150
°C
Tj
Junction temperature
150
°C
Table 4. Moisture Sensitivity Level Ratings (MSL)
Package
Rating
Dry Pack Required
MC44BS373CAD,R2
1
No
MC44BS373CAFC,R2 lead free packages
3
Yes
MC44BS373CAEF,R2 lead free packages
3
Yes
Table 5. Thermal Resistance from Junction to Ambient
Symbol
Package
Value
Unit
Rthja
SO16NB
102
°C/W
Rthja
QFN20
120
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com