Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 32 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 32 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 28Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 52 page
background image
MC44BS373CA Data Sheet
Application Diagrams
Application Diagrams
18 Application Diagrams
18.1 BiCMOS Modulator SO16NB Mono Application
Figure 15. Proposed SO16 Package (Mono Application Schematic)
Notes:
1. Cx value depends on crystal characteristics. Cx = 27 pF on Motorola application board.
2. RF PLL loop filter components at pin 14 must be as close as possible to VCCD at pin 15.
3. Supply voltage decoupling capacitors must be as close as possible to ground.
TVOUT
O
2.2k
22 nF
1nF
10 nF
47nF
Vcc
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
SDA
4 MHz
Vcc
Pre-em
O
O
O
GNDD
VCCD
PLLFLT
GND
VIDEO
TVOVCC
SPLLFLT
SDA
SCL
LOP
TVOUT
VCCA
Audio
Video
LOP
10nF
100nF
220nF
100nF
Cx
22nF
470pF
75
XTAL
GND
PREEM
AUDIO
10nF
O
Note 1
15K
Note 2
Note 3
Note 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com