Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 33 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 33 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 29Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 30Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 31Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 32Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 33Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 34Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 35Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 36Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 37Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 52 page
background image
MC44BS373CA Data Sheet
Application Diagrams
18.2 BiCMOS Modulator SO16NB Stereo Application
Figure 16. Proposed SO16 Package (Stereo Application Schematic)
Notes:
4. Cx value depends on crystal characteristics; Cx = 27 pF on Motorola application board.
5. RF PLL loop filter components at pin 14 must be as close as possible to FCC at pin 15.
6. Supply voltage decoupling capacitors must be as close as possible to ground.
7. For a stereo application, the audio signal is already encoded in the baseband stereo encoder. It is not necessary to
create a pre-emphasis and in this case the pre-emphasis capacitor has to be removed. Sometimes for the same
application it is useful to increase the FM deviation. To increase FM deviation, replace the original pre-emphasis
capacitor with a 100-nF capacitor. Adding this kind of value boosts the deviation and does not create a pre-emphasis.
8. It is possible to create a peak for the low frequencies (from 30 to 80 Hz) by adjusting the resistor of the sound loop
filter. A flat response is given with a value of 5.6 K
Ω but this value can be set to 4.7 KΩ. This gives a peak of about
1 dB at 40 Hz and extends the low-frequency cut-off at 28 Hz. The value of the audio input series capacitor has been
increased in order to have a lower cut-off frequency.
9. The value of the audio input series capacitor has been increased in order to have a lower cutoff frequency.
TVOUT
O
2.2k
22nF
1nF
10nF
47nF
Vcc
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
SCL
SDA
4MHz
Vcc
Pre-em
O
O
O
GNDD
VCCD
PLLFLT
GND
VIDEO
TVOVCC
SPLLFLT
SDA
SCL
LOP
TVOUT
VCCA
Audio
Video
LOP
10nF
100nF
1 uF
220nF
Cx
100nF
Note 7
75
XTAL
GND
PREEM
AUDIO
10nF
O
Note 4
3K9 to 6K2
Note 5
Note 8
Note 9
Note 6
Note 6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com