Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 12 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 12 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 15Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 16Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 52 page
background image
MC44BS373CA Data Sheet
I2C Programming
I2C Programming
Table 18 lists settings of fields X5, X4, and X3, used to set the device into test mode 2.
Table 19 lists settings of fields Y2, Y1, and OOR, used to set the device into READ mode and to determine
RF oscillator out-of-frequency range information.
1
0
1
1.f
DC drive applied to modulators—Non-inverted video at TVOUT
1
1
0
1.g
DC drive applied to modulators—Inverted video at TVOUT
1
1
1
1.h
Transient output inhibit disabled (that is, speed-up mode)
During this speed-up test mode, ATT = 0 forces sound current source to 1
µA,
while ATT = 1 forces it to 10
µA.
Table 18. Write Mode—Test Mode 2
X5
X4
X3
State
Description
0
0
0
2.a
Normal operation
0
0
1
2.b
Test pattern generator DC verification (test pattern DC test mode available)
0
1
0
2.c
Program divider test (UHF program divider on PLLFILT pin and sound program
divider on SPLLFIL pin)
0
1
1
2.d
Reference divider test (UHF reference divider on PLLFILT pin)
1
0
0
2.e
UHF phase comparison, upper source on PLLFILT pin
Sound phase comparison 10-
µA upper source on SPLLFIL
(only valid during transient output inhibit)
1
0
1
2.f
UHF phase comparison, lower source on PLLFILT pin
Sound phase comparison 10-
µA lower source on SPLLFIL
(only valid during transient output inhibit)
1
1
0
2.g
Sound phase comparison 1-
µA upper source on SPLLFIL
(not valid during transient output inhibit)
1
1
1
2.h
Sound phase comparison 1-
µA lower source on SPLLFIL
(not valid during transient output inhibit)
Table 19. Read Mode
Bit
Value
Setting
OOR
0
Normal operation, VCO in range
1
VCO out of range
Y1
0
VCO out of range, frequency too low. Only valid if OOR=1
1
VCO out of range, frequency too high. Only valid if OOR=1
Y2
0
High VCO is active.
1
Low VCO is active.
Table 17. Write Mode—Test Mode 1 and VHF Range (continued)
X2
X1
X0
State
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com