Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC44BS373CADR2 Datasheet(PDF) 10 Page - Freescale Semiconductor, Inc

Part # MC44BS373CADR2
Description  PLL-Tuned UHF and VHF Audio/Video High-Integration Modulator
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC44BS373CADR2 Datasheet(HTML) 10 Page - Freescale Semiconductor, Inc

Back Button MC44BS373CADR2 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 10Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 11Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 12Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 13Page - Freescale Semiconductor, Inc MC44BS373CADR2 Datasheet HTML 14Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 52 page
background image
MC44BS373CA Data Sheet
I2C Programming
I2C Programming
10 I2C Programming
The following tables list, by category, the bits used to program various parameters of the MC44BS373CA.
10.1 Sound Settings
Table 13 lists the sound settings used.
Table 14 lists the video settings used.
Table 13. Sound Settings
Bit
Value
Setting
Sound Subcarrier Frequency (MHz)
SFD1
SFD0
SFD1
SFD0
00
4.5
01
5.5
10
6.0
11
6.5
Picture-to-Sound Ratio (dB)
PS
0
12
116
Sound Oscillator
SO
0
Sound oscillator on (normal mode)
1
Sound oscillation disabled (oscillator and PLL section bias turned off)
Table 14. Video Settings
Bit
Value
Setting
System L/BG Selection
SYSL
0
System B/G enabled, system L disabled (FM sound and negative video
modulation)
1
System L enabled, system B/G disabled (AM sound and positive video modulation)
Peak White Clip
PWC
0
Peak white clip on (system B/G)
1
Peak white clip off (system L)
Test Pattern Signal
TPEN
0
Test pattern signal off (normal operation)
1
Test pattern signal on (picture and sound)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com