Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 123 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 123 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 119Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 120Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 121Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 122Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 123Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 124Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 125Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 126Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 127Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 123 of 269
M306V2ME-XXXFP, M306V2EEFP
(4) Bus collision detection function and other functions (UART2)
This function is to sample the output level of the TxD pin and the input level of the RxD pin at the rising
edge of the transfer clock; if their values are different, then an interrupt request occurs. Figure 2.11.26
shows the example of detection timing of a buss collision (in UART mode).
And also, bit 5 of the special UART2 mode register is used as the selection bit for auto clear function
select bit of enable bit. Setting this bit to “1” automatically resets the transmit enable bit to “0” when “1”
is set in the bus collision detection interrupt request bit (nonconformity) (refer to Figure 2.11.25).
Bit 6 of the special UART2 mode register is used as the transmit start condition select bit. Setting this
bit to “1” starts the TxD transmission in synchronization with the falling edge of the RxD terminal (refer
to Figure 2.11.26).
Figure 2.11.25 Detection timing of a bus collision (in UART mode)
Figure 2.11.26 Some other functions
Transmit start condition select bit (Bit 6 of the UART2 special mode register)
CLK
TxD
Enabling transmission
CLK
TxD
RxD
With "1: falling edge of RxD2" selected
0: In normal state
ST : Start bit
SP : Stop bit
ST
ST
SP
SP
Transfer clock
TxD2
RxD2
Bus collision detection
interrupt request signal
“H”
“L”
“H”
“L”
“H”
“L”
“1”
“0”
Bus collision detection
interrupt request bit
“1”
“0”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com