Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 126 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 126 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 122Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 123Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 124Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 125Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 126Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 127Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 128Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 129Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 130Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 126 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 126 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.11.27 Typical transmit/receive timing in UART mode (compliant with the SIM interface)
Transmit enable
bit(TE)
Transmit buffer
empty flag(TI)
Transmit register
empty flag (TXEPT)
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “1”.
“0”
“1”
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi or 16 (n + 1) / f EXT
fi : frequency of BRGi count source (f 1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Transmit interrupt
request bit (IR)
“0”
“1”
D0 D1
D2 D3
D4 D5 D6 D7
ST
P
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
Data is set in UARTi transmit buffer register
SP
A “L” level returns from TxD2 due to
the occurrence of a parity error.
The level is detected by the
interrupt routine.
The level is
detected by the
interrupt routine.
Receive enable
bit (RE)
Receive complete
flag (RI)
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
Start
bit
Parity
bit
RxD2
The above timing applies to the following settings :
• Parity is enabled.
• One stop bit.
• Transmit interrupt cause select bit = “0”.
“0”
“1”
“0”
“1”
Tc = 16 (n + 1) / fi or 16 (n + 1) / f EXT
fi : frequency of BRGi count source (f 1, f8, f32)
fEXT : frequency of BRGi count source (external clock)
n : value set to BRGi
Receive interrupt
request bit (IR)
“0”
“1”
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
Shown in ( ) are bit symbols.
Tc
Transfer clock
SP
Stop
bit
A “L” level returns from TxD2 due to
the occurrence of a parity error.
TxD2
Read to receive buffer
Read to receive buffer
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
Signal conductor level
(Note 1)
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
SP
D0 D1 D2 D3
D4 D5 D6
D7
ST
P
D0 D1 D2 D3 D4 D5 D6 D7
ST
P
SP
SP
TxD2
RxD2
Signal conductor level
(Note 1)
Note: Equal in waveform because TxD 2 and RxD2 are connected.
Transferred from UARTi transmit buffer register to UARTi transmit register
Cleared to “0” when interrupt request is accepted, or cleared by software
Cleared to “0” when interrupt request is accepted, or cleared by software



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com