Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 124Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 125Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 126Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 127Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 128Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 129Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 130Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 131Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 128 of 269
M306V2ME-XXXFP, M306V2EEFP
2.11.5 Serial Interface Ports
The I/O ports (P67, P70 to P72) function as I/O ports of UART2 and multi-master I2C-BUS interface 0 (refer
to “2.11.6 Multi-master I2C-BUS interface i”) . Set the connection between both serial interfaces and each
port by bits 0 and 1 (BSEL0 and BSEL1) of the peripheral mode register (address 027D16) and bit 2
(FIICON) of the I2C0 port selection register (address 02E516).
Figure 2.11.31 Serial interface port control
UART2
RxD2
FIICON
TxD2
Multi-master I2C-BUS
interface 0
SCL
SDA
“0”
“1”
BSEL1
BSEL0
“0”
SCL1/RxD2/P71
“1”
“0”
SCL2/CLK2/P72
“1”
BSEL1
BSEL0
“0”
SDA1/TxD2/P70
“1”
“0”
SDA2/P67
“1”
CLK2
“0”
“1”
“0”
“1”
“0”
“1”
“0”
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com