Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 132 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 132 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 128Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 129Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 130Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 131Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 132Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 133Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 132 of 269
M306V2ME-XXXFP, M306V2EEFP
Fig. 2.11.34 I2Ci port selection register (i = 0, 1)
(1) I2Ci port selection register (i = 0, 1)
The I2Ci port selection register consists of bit to validate the multi-master I2C-BUS interface i function.
s Bit 2: Multi-master I2C-BUS interface valid bit (FIICON)
When this bit is “0,” the multi-master I2C-BUS interface i is nonactive; when “1,” it is active. When
selecting active, multi-master I2C-BUS interface 0 is connected with the ports selected by bits 0 and 1
of the peripheral mode register (address 027D16) and multi-master I2C-BUS interface 1 is connected
with the ports P93 and P94.
Note: It needs 10-BCLK cycles from setting this bit to “1” to being active of multi-master I2C-BUS
interface i. Accordingly, do not access multi-master I2C-BUS interface i-related registers in this
period.
I2Ci port selection register (i = 0, 1)
b7
0
b6
0
b5
0
b4
00
00
b3 b2 b1 b0
Symbol
Address
When reset
IIC0S2D
02E516
00??00002
IIC1S2D
02ED16
00??00002
RW
FIICON
Multi-master I
2C-BUS
interface valid bit
0 : Nonactive
1 : Active
Must always be set to “0”
Reserved bits
Must always be set to “0”
Reserved bits
Bit Symbol
Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com