Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 135 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 135 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 131Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 132Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 133Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 137Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 138Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 139Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 135 of 269
M306V2ME-XXXFP, M306V2EEFP
(3) I2Ci address register (i = 0, 1)
_______
The I2Ci address register consists of a 7-bit slave address and a read/write bit. In the addressing
mode, the slave address written in this register is compared with the address data to be received
immediately after the START condition are detected.
_______
s Bit 0: read/write bit (RBW)
Not used when comparing addresses, in the 7-bit addressing mode. In the 10-bit addressing mode,
the first address data to be received is compared with the contents (SAD6 to SAD0 + RBW) of the I2Ci
address register.
The RBW bit is cleared to “0” automatically when the stop condition is detected.
s Bits 1 to 7: slave address (SAD0–SAD6)
These bits store slave addresses. Regardless of the 7-bit addressing mode and the 10-bit addressing
mode, the address data transmitted from the master is compared with the contents of these bits.
Fig. 2.11.37 I2Ci address register (i = 0, 1)
I2Ci address register (i = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
IIC0S0D
02E116
0016
IIC1S0D
02E916
0016
RBW
Read/write bit
<Only in 10-bit addressing (in slave) mode>
The last significant bit of address data is
compared.
0 : Wait the first byte of slave address
after START condition
(read state)
1 : Wait the first byte of slave address
after RESTART condition
(write state)
SAD0
SAD1
SAD2
SAD3
SAD4
SAD5
SAD6
Slave address
<In both modes>
The address data is compared.
Bit Symbol
Bit name
Function
R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com