Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 137 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 137 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 133Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 137Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 138Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 139Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 140Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 141Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 137 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 137 of 269
M306V2ME-XXXFP, M306V2EEFP
Fig. 2.11.38 I2Ci clock control register (i = 0, 1)
I2Ci clock control register (i = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
IIC0S2
02E416
0016
IIC1S2
02EC16
0016
CCR0
SCL frequency control
bits
SCL mode specification
bit
0 : Standard clock mode
1 : High-speed clock mode
Setup value of
CCR4–CCR0
Standard
clock mode
High speed
clock mode
00 to 02
03
04
05
06
:
1D
1E
1F
Setup disabled
Setup disabled
Setup disabled
100
83.3
500/CCR value
17.2
16.6
16.1
Setup disabled
333
250
400 (See note)
166
1000/CCR value
34.5
33.3
32.3
(at BCLK = 10 MHz, unit : kHz)
RW
CCR1
CCR2
CCR3
CCR4
FAST MODE
ACK bit
0 : ACK is returned.
1 : ACK is not returned.
ACK BIT
ACK clock bit
0 : No ACK clock
1 : ACK clock
ACK
Note: At 400 kHz in the high-speed clock mode, the duty is as below.
“0” period : “1” period = 3 : 2
In the other cases, the duty is as below.
“0” period : “1” period = 1 : 1
Bit Symbol
Bit name
Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com