Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 136 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 136 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 132Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 133Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 137Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 138Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 139Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 140Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 136 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 136 of 269
M306V2ME-XXXFP, M306V2EEFP
(4) I2Ci clock control register (i = 0, 1)
The I2Ci clock control register is used to set ACK control, SCL mode and SCL frequency.
s Bits 0 to 4: SCL frequency control bits (CCR0–CCR4)
These bits control the SCL frequency.
s Bit 5: SCL mode specification bit (FAST MODE)
This bit specifies the SCL mode. When this bit is set to “0,” the standard clock mode is set. When the
bit is set to “1,” the high-speed clock mode is set.
s Bit 6: ACK bit (ACK BIT)
This bit sets the SDA status when an ACK clock✽ is generated. When this bit is set to “0,” the ACK
return mode is set and SDA goes to LOW at the occurrence of an ACK clock. When the bit is set to “1,”
the ACK non-return mode is set. The SDA is held in the HIGH status at the occurrence of an ACK
clock.
However, when the slave address matches the address data in the reception of address data at ACK
BIT = “0,” the SDA is automatically made LOW (ACK is returned). If there is a mismatch between the
slave address and the address data, the SDA is automatically made HIGH (ACK is not returned).
✽ACK clock: Clock for acknowledgement
s Bit 7: ACK clock bit (ACK)
This bit specifies a mode of acknowledgment which is an acknowledgment response of data transmis-
sion. When this bit is set to “0,” the no ACK clock mode is set. In this case, no ACK clock occurs after
data transmission. When the bit is set to “1,” the ACK clock mode is set and the master generates an
ACK clock upon completion of each 1-byte data transmission.The device for transmitting address data
and control data releases the SDA at the occurrence of an ACK clock (make SDA HIGH) and receives
the ACK bit generated by the data receiving device.
Note: Do not write data into the I2Ci clock control register during transmission. If data is written during
transmission, the I2Ci clock generator is reset, so that data cannot be transmitted normally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com