Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 137Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 138Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 139Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 140Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 141Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 138 of 269
M306V2ME-XXXFP, M306V2EEFP
(5) I2Ci control register (i = 0, 1)
The I2Ci control register controls the data communication format.
s Bits 0 to 2: bit counter (BC0–BC2)
These bits decide the number of bits for the next 1-byte data to be transmitted. An interrupt request
signal occurs immediately after the number of bits specified with these bits are transmitted.
When a START condition is received, these bits become “0002” and the address data is always trans-
mitted and received in 8 bits.
Note: When the bit counter value = “1112,” a STOP condition and START condition cannot be waited.
s Bit 3: I2C-BUS interface i use enable bit (ESO)
This bit enables usage of the multimaster I2C-BUS interface i. When this bit is set to “0,” the use
disable status is provided, so the SDA and the SCL become high-impedance. When the bit is set to
“1,” use of the interface is enabled.
When ESO = “0,” the following is performed.
• PIN = “1,” BB = “0” and AL = “0” are set (they are bits of the I2Ci status register).
• Writing data to the I2Ci data shift register and the I2Ci transmit buffer register is disabled.
s Bit 4: data format selection bit (ALS)
This bit decides whether or not to recognize slave addresses. When this bit is set to “0,” the address-
ing format is selected, so that address data is recognized. When a match is found between a slave
address and address data as a result of comparison or when a general call (refer to “(6) I2Ci status
register,” bit 1) is received, transmission processing can be performed. When this bit is set to “1,” the
free data format is selected, so that slave addresses are not recognized.
s Bit 5: addressing format selection bit (10BIT SAD)
This bit selects a slave address specification format. When this bit is set to “0,” the 7-bit addressing
format is selected. In this case, only the high-order 7 bits (slave address) of the I2Ci address register
are compared with address data. When this bit is set to “1,” the 10-bit addressing format is selected, all
the bits of the I2Ci address register are compared with address data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com