Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 134 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 134 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 130Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 131Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 132Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 133Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 137Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 138Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 134 of 269
M306V2ME-XXXFP, M306V2EEFP
Fig. 2.11.35 I2Ci data shift register (i = 0, 1)
Fig. 2.11.36 I2Ci transmit buffer register (i = 0, 1)
I2Ci data shift register (i = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
IIC0S0
02E016
Indeterminate
IIC1S0
02E816
Indeterminate
Note: To write data into the I
2Ci data shift register after setting the MST bit to “0” (slave
mode), keep an interval of 8 machine cycles or more.
D0
Data shift register
This is an 8-bit shift register to store
receive data and write transmit data.
D1
D2
D3
D4
D5
D6
D7
Bit Symbol
Bit name
Function
R W
I2Ci transmit buffer register (i = 0, 1)
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
Address
When reset
IIC0S0S
02E616
Indeterminate
IIC1S0S
02EE16
Indeterminate
S0S0
Transmit buffer register
This is an 8-bit register to write transmit
data to I
2Ci data shift register.
S0S1
S0S2
S0S3
S0S4
S0S5
S0S6
S0S7
Bit Symbol
Bit name
Function
R W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com