Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 133 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 133 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 129Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 130Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 131Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 132Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 133Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 134Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 135Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 136Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 137Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 133 of 269
M306V2ME-XXXFP, M306V2EEFP
(2) I2Ci data shift register, I2Ci transmit buffer register (i = 0, 1)
The I2Ci data shift register is an 8-bit shift register to store receive data and write transmit data.
When transmit data is written into this register, it is transferred to the outside from bit 7 in synchroniza-
tion with the SCL clock, and each time one-bit data is output, the data of this register are shifted one bit
to the left. When data is received, it is input to this register from bit 0 in synchronization with the SCL
clock, and each time one-bit data is input, the data of this register are shifted one bit to the left.
The I2Ci data shift register is in a write enable status only when the ESO bit of the I2Ci control register
is “1.” The bit counter is reset by a write instruction to the I2Ci data shift register. When both the ESO
bit and the MST bit of the I2Ci status register are “1,” the SCL is output by a write instruction to the I2Ci
data shift register. Reading data from the I2Ci data shift register is always enabled regardless of the
ESO bit value.
The I2Ci transmit buffer register is a register to store transmit data (slave address) to the I2Ci data shift
register before RESTART condition generation. That is, in master, transmit data written to the I2Ci
transmit buffer register is written to the I2Ci data shift register simultaneously. However, the SCL is not
output. The I2Ci transmit buffer register can be written only when the ESO bit is “1,” reading data from
the I2Ci transmit buffer register is disabled regardless of the ESO bit value.
Notes 1: To write data into the I2Ci data shift register or the I2Ci transmit buffer register after the MST
bit value changes from “1” to “0” (slave mode), keep an interval of 20 BCLK or more.
2: To generate START/RESTART condition after the I2Ci data shift register or the I2Ci transmit
buffer register is written, keep an interval of 2 BCLK or more.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com