Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 166 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 166 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 162Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 163Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 164Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 165Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 166Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 167Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 168Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 169Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 170Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 166 of 269
M306V2ME-XXXFP, M306V2EEFP
2.14 Data Slicer
This microcomputer includes the data slicer function for the closed caption decoder (referred to as the
CCD). This function takes out the caption data superimposed in the vertical blanking interval of a composite
video signal. A composite video signal which makes the sync tip’s polarity negative is input to the CVIN pin.
When the data slicer function is not used, the data slicer circuit and the timing signal generating circuit can
be cut off by setting bit 0 of the data slicer control register 1 (address 026016) to “0.” These settings can
realize the low-power dissipation.
Note: When using the data slicer, set bit 7 of the peripheral mode register (address 027D16) according to
the main clock frequency.
Figure 2.14.1 Data slicer block diagram
Composite
video
signal
1 M
Ω
Data slicer control register 2
(address 026116)
Data slicer control register 1
(address 026016)
Clock run-in detect
register
(address 026916)
Caption position register
(address 026616)
Data clock position register
(address 026A16)
Interrupt request
generating circuit
Data slicer
interrupt
request
Synchronizing
signal counter
Synchronizing
separation
circuit
Sync slice
circuit
Clamping
circuit
Low-pass
filter
Timing signal
generating
circuit
Clock run-in
determination
circuit
Data slice line
specification
circuit
Start bit detecting
circuit
Data clock
generating circuit
16-bit shift register
Caption data register 1
(addresses 026316, 026216)
Data bus
Comparator
0.1
µF
470
Ω
560 pF
CVIN
1
µF
1 k
Ω
200 pF
HSYNC
HLF
+
–
Reference
voltage
generating
circuit
VHOLD
1000 pF
Data slicer ON/OFF
Caption data register 2
(addresses 026516, 026416)
External circuit
Note : Make the length of wiring which is connected
to VHOLD, HLF, and CVIN pin as short as
possible so that a leakage current may not
be generated when mounting a resistor or a
capacitor on each pin.
Rev. 1.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com