Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 167 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 167 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 163Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 164Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 165Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 166Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 167Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 168Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 169Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 170Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 171Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 167 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.14.2 Termination of data slicer input/output pins when data slicer circuit and timing
generating circuit is in OFF state
Figure 2.14.3 Termination of data slicer input/output pins when timing signal generating circuit is
in ON state
<When data slicer circuit and timing signal generating circuit is in OFF state>
<When using a reference clock generated in timing signal generating circuit as OSD clock>
AVCC
HLF
VHOLD
CVIN
Apply the same voltage as VCC to
AVCC pin.
Open
Open
Leave HLF pin open.
Leave VHOLD pin open.
Pull-up CVIN pin to Vcc through
a resistor of 5 k
Ω or more.
5 k
Ω or more
99
2
1
100
Apply the same voltage as VCC to AVCC pin.
Connect the same external circuit as when
using data slicer to HLF pin.
Leave VHOLD pin open.
Pull-up CVIN to VCC through a resistor
of 5 k
Ω or more.
AVCC
VHOLD
CVIN
Open
5 k
Ω or more
HLF
1 k
Ω
200pF
1
µF
99
2
1
100
2.14.1 Notes when not Using Data Slicer
When bit 0 of data slicer control register 1 (address 026016) is “0,” terminate the pins as shown in
Figure 2.14.2
When both bits 0 and 2 of data slicer control register 1 (address 026016) are “1,” terminate the pins as shown
in Figure 2.14.3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com