Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 167Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 168Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 169Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 170Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 171Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 172Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 173Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 174Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 171 of 269
M306V2ME-XXXFP, M306V2EEFP
2.14.6 Data Slice Line Specification Circuit
(1) Specification of data slice line
This circuit decides a line on which caption data is superimposed. The line 21 (fixed), 1 appropriate
line for a period of 1 field (total 2 line for a period of 1 field), and both fields (F1 and F2) are sliced their
data. The caption position register (address 026616) is used for each setting (refer to Table 2.14.1).
The counter is reset at the falling edge of Vsep and is incremented by 1 every Hsep pulse. When the
counter value matched the value specified by bits 4 to 0 of the caption position register, this Hsep is
sliced.
The values of “0016” to “1F16” can be set in the caption position register (at setting only 1 appropriate
line). Figure 2.14.8 shows the signals in the vertical blanking interval. Figure 2.14.9 shows the caption
position register.
(2) Specification of line to set slice voltage
The reference voltage for slicing (slice voltage) is generated for the clock run-in pulse in the particular
line (refer to Table 2.14.1). The field to generate slice voltage is specified by bit 1 of data slicer control
register 1. The line to generate slice voltage 1 field is specified by bits 6, 7 of the caption position
register (refer to Table 2.14.1).
(3) Field determination
The field determination flag can be read out by bit 3 of data slicer control register 2. This flag change
at the falling edge of Vsep.
Figure 2.14.8 Signals in vertical blanking interval
Video signal
Vertical blanking interval
Composite video
signal
Count value to be set in the caption position register (“0F16” in this case)
Hsep
Vsep
Hsep
Magnified drawing
Clock run-in
Start bit + 16-bit data
Start bit
Window for
deteminating
clock-run-in
Composite video
signal
Line 21
1 appropriate line is set by
the caption position register
(when setting line 19)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com