Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 174 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 174 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 170Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 171Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 172Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 173Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 174Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 175Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 176Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 177Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 178Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 174 of 269
M306V2ME-XXXFP, M306V2EEFP
2.14.10 Data Clock Generating Circuit
This circuit generates a data clock synchronized with the start bit detected in the start bit detecting circuit.
The data clock stores caption data to the 16-bit shift register. When the 16-bit data has been stored and
the clock run-in determination circuit determines clock run-in, the caption data latch completion flag is set.
This flag is reset at a falling of the vertical synchronous signal (Vsep).
Figure 2.14.11 Data clock position register
b7 b6 b5 b4 b3 b2 b1 b0
Data clock position register
Data clock position
set bits
Nothing is assigned.
If an attempt to write to these bits, write “0.” The read turns out to be “0.”
Function
Bit name
R
W
Bit symbol
DPS0
Symbol
Address
When reset
DPS
026A16
XXX000012
DPS1
DPS2
DPS3
DPS4
2.14.11 16-bit Shift Register
The caption data converted into a digital value by the comparator is stored into the 16-bit shift register in
synchronization with the data clock. The contents of the stored caption data can be obtained by reading
out the caption data register 1 (addresses 026316, 026216) and caption data register 2 (addresses
026516, 026416). These registers are reset to “0” at a falling of Vsep. Read out data registers 1 and 2 after
the occurrence of a data slicer interrupt (refer to “2.14.12 Interrupt request generating circuit)”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com