Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 175 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 175 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 171Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 172Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 173Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 174Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 175Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 176Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 177Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 178Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 179Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 175 of 269
M306V2ME-XXXFP, M306V2EEFP
2.14.12 Interrupt Request Generating Circuit
The interrupt requests as shown in Table 2.14.3 are generated by combination of the following bits; bits 6
and 7 of the caption position register (address 026616). Read out the contents of data registers 1, 2 and
the contents of bits 3 to 7 of the clock run-in detect register after the occurrence of a data slicer interrupt
request.
Slice Line Specification Mode
CPS
Completion Flag 1
(bit 0 of DSC2)
Completion Flag 2
(bit 5 of CPS)
Caption Data
Register 1
Caption Data
Register 2
Line 21
A line specified by
bits 4 to 0 of CPS
Line 21
Line 21
A line specified by
bits 4 to 0 of CPS
Invalid
Invalid
A line specified by
bits 4 to 0 of CPS
16-bit data of line 21
16-bit data of a line specified
by bits 4 to 0 of CPS
16-bit data of line 21
16-bit data of line 21
16-bit data of a line specified
by bits 4 to 0 of CPS
Invalid
Invalid
16-bit data of a line specified
by bits 4 to 0 of CPS
ContentsofCaptionDataLatchCompletionFlag
Contents of 16-bit Shift Register
bit 7
0
0
1
1
bit 6
0
1
0
1
CPS: Caption position register
DSC2: Data slicer control register 2
Table 2.14.2 Contents of caption data latch completion flag and 16-bit shift register
CPS
Occurrence Sources of Interrupt Request at End of Data Slice Line
After slicing line 21
After a line specified by bits 4 to 0 of CPS
After slicing line 21
After slicing line 21
b7
0
1
b6
0
1
0
1
Table 2.14.3 Occurrence sources of Interrupt request
CPS: Caption position register
Figure 2.14.12 Data slicer reserved register i (i = 1, 2)
Data slicer reserved register i (i =1, 2)
Symbol
Address
When reset
DR1
026816
0016
DR2
026716
0016
b7
b6
b5
b4
b3
b2
b1
b0
Reserved bits
Bit symbol
Bit name
Description
RW
Mest always be set to “0”
00
0
0
0
00
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com