Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 177 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 177 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 173Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 174Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 175Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 176Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 177Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 178Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 179Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 180Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 181Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 177 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16 OSD Functions
Table 2.16.1 outlines the OSD functions of this microcomputer. This OSD function can display the follow-
ing: the block display (32 characters ✕ 16 lines or 42 characters ✕ 16 lines) and the SPRITE display, and
can display the both display at the same time. There are 3 display modes and they are selected by a block
unit. The display modes are selected by block control register i (i = 1 to 16). The features of each display are
described below.
Note: When using OSD function, select “No-division mode” as BCLK operating mode and set the main
clock frequency to f(XIN) = 10 MHz.
Table 2.16.1 Features of each display style
CC mode
(Closed caption mode)
OSD mode
(On-screen display mode)
OSDS mode
Display style
Parameter
Number of display characters
32 characters ✕ 16 lines/42 characters ✕ 16 lines
16 ✕ 20 dots
(Character display area:
16 ✕ 26 dots)
4 kinds
✕ 1, ✕ 2
1TC ✕ 1/2H,
1TC ✕ 1H
Smooth italic,
under line, flash
1 screen: 8 kinds
(a character unit)
Max. 512 kinds
Possible
(a character unit, 1 screen: 4
kinds, Max. 512 kinds)
Layer 1
Analog R, G, B output (each 8 adjustment levels: 512 colors), Digital OUT1, OUT2 output
Dot structure
Kinds of
character
ROM
OSDL
enable mode
OSDL
disable mode
254 kinds
508 kinds
254 kinds
Kinds of character sizes
(See note 1) Pre-divide
ratio (Note)
Dot size
Attribute
Character font
coloring
Character
background
coloring
Display layer
OSD output (See note 2)
Possible (a screen unit, max 512 kinds)
Raster coloring
Auto solid space function
Other function
(See note 3)
Triple layer OSD function, window function, blank function
Possible
Display expansion
(multiline display)
14 kinds
1TC ✕ 1/2H,
1TC ✕ 1H,
1.5TC ✕ 1/2H,
1.5TC ✕ 1H,
2TC ✕ 2H,
3TC ✕ 3H
Border
Possible
(a character unit,1 screen: 16 kinds,
Max. 512 kinds)
1 screen: 16 kinds
(a character unit)
Max. 512 kinds
Notes 1: The character size is specified with dot size and pre-divide ratio (refer to “2.16.3 Dot Size”).
2: As for SPRITE display, OUT2 is not output.
3: As for SPRITE display, the window function does not operate.
4: The divide ratio of the frequency divider (the pre-divide circuit) is referred as “pre-divide ratio” hereafter.
Block display
OSDL mode
CDOSD mode
(Color dot on-screen
display mode)
SPRITE display
✕ 1, ✕ 2, ✕ 3
Layers 1, 2
24 ✕ 32 dots
254 kinds
12 kinds
Layer 3 (with highest priority)
16 ✕ 26 dots
126 kinds
14 kinds
1TC ✕ 1/2H,
1TC ✕ 1H,
1.5TC ✕ 1/2H,
1.5TC ✕ 1H,
2TC ✕ 2H,
3TC ✕ 3H
1 screen: 16 kinds (a dot unit)
(only specified dots are colored
by a character unit)
Max. 512 kinds
1 screen: 16 kinds
(a dot unit)
Max. 512 kinds
32 ✕ 20 dots
2 kinds of RAM font
8 kinds
1TC ✕ 1/2H,
1TC ✕ 1H,
2TC ✕ 2H,
3TC ✕ 3H
1 character ✕ 2 lines
✕ 1, ✕ 2
OSDP mode
16 ✕ 20 dots
12 ✕ 20 dots
8 ✕ 20 dots
4 ✕ 20 dots
1TC ✕ 1/2H,
1TC ✕ 1H,
2TC ✕ 2H,
3TC ✕ 3H
Layer 1Layers 1, 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com