Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 176 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 176 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 172Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 173Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 174Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 175Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 176Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 177Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 178Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 179Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 180Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 176 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.15.1 HSYNC counter register
2.15 HSYNC Counter
The synchronous signal counter counts HSYNC from HSYNC count input pins (HC0/P75, HC1/P77) as a
count source.
The count value in a certain time (T time; 1024 µs, 2048 µs, 4096 µs and 8192 µs) divided system clock f32
is stored into the 8-bit latch.
Accordingly, the latch value changes in the cycle of T time. When the count value exceeds “FF16,” “FF16”
is stored into the latch.
The latch value can be obtained by reading out the HSYNC counter latch (address 027F16). A count source
and count update cycle (T time) are selected by bits 0, 3 and 4 of the HSYNC counter register.
Figure 2.15.1 shows the HSYNC counter and Figure 2.15.2 shows the synchronous signal counter block
diagram.
Note: When using the HSYNC counter, set bit 7 of the peripheral mode register (address 027D16) according
to the main clock frequency.
Figure 2.15.2 HSYNC counter block diagram
b7 b6 b5 b4 b3 b2 b1 b0
R
W
HSYNC counter register
Count source switch bit
Input polarity
switch bit
Function
Bit name
Nothing is assigned. In an attempt to write to this bit, write “0.”
The value, if read, turns out to be “0.”
Count freguency
selection bits
b4 b3 <Count freguency>
0 0 : 1024 µs
0 1 : 2048 µs
1 0 : 4096 µs
1 1 : 8192 µs
0 :
1 :
(Falling edge count)
(Rising edge count)
Note: When HC0 and HC1 input are positive polarity (negetive polarity),
HIGH width (LOW width) needs 3 main clock cycles or more of system clock.
0 : HC0/P75 pin input
1 : HC1/P77 pin input
Bit symbol
HCC0
HCC1
HCC3
Symbol
Address
When reset
HC
027E16
XXX00X0016
HCC4
Nothing is assigned. In an attempt to write to these bits, write “0.”
The value, if read, turns out to be “0.”
Reset
8-bit counter
Latch (8 bits)
HC0/P75
HC1/P77
Counter
HSYNC
counter latch
Data bus
Selection gate : connected to black
side when reset.
System clock f32
HCC0
Polarity switch
1024
µs
2048
µs
4096
µs
8192
µs
HCC3, HCC4
HCC1
Freguency divider



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com