Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 173 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 173 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 169Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 170Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 171Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 172Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 173Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 174Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 175Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 176Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 177Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 173 of 269
M306V2ME-XXXFP, M306V2EEFP
2.14.7 Reference Voltage Generating Circuit and Comparator
The composite video signal clamped by the clamping circuit is input to the reference voltage generating
circuit and the comparator.
(1) Reference voltage generating circuit
This circuit generates a reference voltage (slice voltage) by using the amplitude of the clock run-in
pulse in line specified by the data slice line specification circuit. Connect a capacitor between the
VHOLD pin and the VSS pin, and make the length of wiring as short as possible so that a leakage
current may not be generated.
(2) Comparator
The comparator compares the voltage of the composite video signal with the voltage (reference volt-
age) generated in the reference voltage generating circuit, and converts the composite video signal
into a digital value.
2.14.8 Start Bit Detecting Circuit
This circuit detects a start bit at line decided in the data slice line specification circuit.
The detection of a start bit is described below.
➀ A sampling clock is generated by dividing the reference clock output by the timing signal.
➁ A clock run-in pulse is detected by the sampling clock.
➂ After detection of the pulse, a start bit pattern is detected from the comparator output.
2.14.9 Clock Run-in Determination Circuit
This circuit determinates clock run-in by counting the number of pulses in a window of the composite
video signal.
The reference clock count value in one pulse cycle is stored in bits 3 to 7 of the clock run-in detect register
(address 026916). Read out these bits after the occurrence of a data slicer interrupt (refer to 2.14.12
Interrupt request generating circuit).
Figure 2.14.10 shows the structure of clock run-in detect register.
Figure 2.14.10 Clock run-in detect register
b7 b6 b5 b4 b3 b2 b1 b0
R
W
Clock run-in detect register
Test bits
Number of reference clocks to
be counted in one clock run-in
pulse period.
Clock run-in detection bits
Read-only
Function
Bit name
Bit symbol
CRD3
Symbol
Address
When reset
CRD
026916
0016
CRD4
CRD5
CRD6
CRD7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com