Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 181 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 181 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 177Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 178Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 179Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 180Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 181Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 182Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 183Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 184Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 185Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 181 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.3 OSD control register 1
b7 b6 b5 b4 b3 b2 b1 b0
Bit name
R W
OSD control register 1
OSD control bit
Scan mode
selection bit
Automatic solid
space control bit
Border type
selection bit
Flash mode
selection bit
Layer mixing
control bits
Vertical window/blank
control bit
Function
0 : All-blocks and SPRITE display OFF
1 : All-blocks and SPRITE display ON
0 : Normal scan mode
1 : Bi-scan mode
0 : All bordered
1 : Shadow bordered (See note 2)
0 : Color signal of character background
part does not flash
1 : Color signal of character background
part flashes
0 0: Logic sum (OR) of layer 1’s
color and layer 2’s color
0 1: Layer 1’s color has priority
1 0: Layer 2’s color has priority
1 1: Do not set.
b7 b6
0 : OFF
1 : ON
0 : OFF
1 : ON
Notes 1 : Even this bit is switched during display, the display screen
remains unchanged until a rising (falling) of the next VSYNC.
2: Shadow border is output at right and bottom side of the font.
3: OUT2 is always ORed, regardless of values of these bits.
Bit symbol
OC16
OC15
OC14
OC13
OC12
OC11
OC10
SymbolAddress
When reset
OC1
020216
0016
(See note 1)
OC17
(See note 3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com