Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 184 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 184 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 180Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 181Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 182Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 183Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 184Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 185Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 186Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 187Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 188Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 184 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.6 Display example of triple layer OSD
Figure 2.16.7 OSD control register 2
b7
b1
b0
Layer 1
Layer 2
0
0
CC, OSDS/L/P, CDOSD
0
1
CC, OSDS/L/P
CDOSD
1
0
CC, OSDP, CDOSD
OSDS/L
1
1
CC, OSDP
CDOSD
OSDS/L
b6 b5 b4 b3 b2 b1 b0
Bit name
Function
R
W
OSD control register 2
R, G, B signal output
selection bit
Window/blank
selection bit 1
(horizontal)
Solid space output bit 0: OUT1 output
1: OUT2 output
0: Digital output
1: Analog output (8 gradations)
Horizontal
window/blank control
bit
0: OFF
1: ON
0: Horizontal blank function
1: Horizontal window function
Window/blank
selection bit 2
(vertical)
0: Vertical blank function
1: Vertical window function
OSD interrupt
request selection bit
0: At completion of layer 1 block display
1: At completion of layer 2 block display
Display layer
selection bits
Bit symbol
OC20
OC22
OC23
OC24
OC25
OC26
OC27
SymbolAddress
When reset
OC2
020316
0016
OC21
Display example of layer 1 = “HELLO,” layer 2 = “CH5”
CH5
HELLO
Logical sum (OR) of
layer 1’s color and
layer 2’s color (See note)
OC17 = “0,” OC16 = “0”
Layer 1’s color has priority
OC17 = “0”, OC16 = “1”
CH5
HELLO
Layer 2’s color has priority
OC17 = “1,” OC16 = “0”
HELLO
CH5
Note: The logical sum (OR) of layer mixing is not OR of the color palette registers’ contents (color), but
that of color pallet registers’ numbers (i).
Example) When the logical sum (OR) is performed on the color palettes 1 and 4;
the number 1 (00012) and number 4 (01002) are ORed and it results in the number 5
(01012). That is, the contents (color) of color palette register 5 is output. The color of
color palette register 5 is output in the ORed part, regardless of colors of color palettes
registers 1 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com