Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 183 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 183 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 179Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 180Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 181Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 182Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 183Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 184Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 185Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 186Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 187Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 183 of 269
M306V2ME-XXXFP, M306V2EEFP
Display mode
Pre-divide ratio
Dot size
Horizontal display start position
Vertical display start position
2.16.1 Triple Layer OSD
Three built-in layers of display screens accommodate triple display of channels, volume, etc., closed
caption, and sprite displays within layers 1 to 3.
The layer to be displayed in each block is selected by bit 0 or 1 of the OSD control register 2 for each
display mode (refer to Figure 2.16.7). Layer 3 always displays the sprite display.
When the layer 1 block and the layer 2 block overlay, the screen is composed with layer mixing by bit
6 or 7 of the OSD control register 1, as shown in Figure 2.16.5. Layer 3 always takes display priority of
layers 1 and 2.
Notes 1: When mixing layer 1 and layer 2, note Table 2.16.2.
2: OSDP mode is always displayed on layer 1. And also, it cannot be overlapped with layer 2’s block.
3: OUT2 is always ORed, regardless of values of bits 6, 7 of the OSD control register 1. And
besides, even when OUT2 (layer 1 and layer 2) overlaps with SPRITE display (layer 3),
OUT2 is output without masking.
CC, OSDS/L, CDOSD mode
✕ 1, ✕ 2 (CC mode)
✕ 1 to ✕ 3 (OSD, CDOSD mode)
1TC ✕ 1/2H, 1TC ✕ 1H
(CC mode)
1TC ✕ 1H, 1TC ✕ 1/2H, 2TC ✕ 2H,
3TC ✕ 3H
(OSDS/L, CDOSD mode)
Arbitrary
Table 2.16.2 Mixing layer 1 and layer 2
Note: In the OSDL mode, 1.5TC size cannot be used.
Block in Layer 1
Block in Layer 2
Block
Parameter
OSDS/L, CDOSD mode
Same as layer 1 (See note)
Pre-divide ratio = ✕ 1
Pre-divide ratio = ✕ 2
1TC ✕ 1/2H
1TC✕1/2H,1.5TC✕1/2H
1TC ✕ 1H
1TC✕1H,1.5TC✕1H(Seenote)
• Same size as layer 1
•1.5TC can be selected only when: layer 1’s pre-divide ratio =
✕ 2 AND layer 1’s horizontal dot size = 1TC.
As this time, vertical dot size is the same as layer 1.
Same position as layer 1
Arbitrary
However, when dot size is 2Tc ✕ 2H or 2Tc ✕ 3H, set difference between vertical display position
of layer 1 and that of layer 2 as follows.
•2Tc ✕ 2H: 2H units
•3Tc ✕ 3H: 3H units
Fig 2.16.5 Triple layer OSD
Layer 2
Layer 1
Block 1
Block 2
Block 7
Block 8
Layer 3
Block 9
Block 15
Block 10
Block 16
Sprite
R, G, B of layer 1/layer 2
OUT2 of layer 1/layer 2
Note : When layer 1/layer 2 and SPRITE display
overlay each other, only OUT2 in layer 1/layer 2
is output.
SPRITE
Layer 1/layer 2
SPRITE
(except transparent)
A'
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com