Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 185 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 185 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 181Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 182Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 183Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 184Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 185Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 186Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 187Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 188Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 189Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 185 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.2 Display Position
The display positions of characters are specified by a block. There are 16 blocks, blocks 1 to 16. Up to 32
characters (32-character mode)/42 characters (42-character mode)/ can be displayed in each block (re-
fer to 2.16.6 Memory for OSD).
The display position of each block can be set in both horizontal and vertical directions by software.
The display position in the horizontal direction can be selected for all blocks in common from 256-step
display positions in units of 4 TOSC (TOSC = OSD oscillation cycle).
The display position in the vertical direction for each block can be selected from 1024-step display posi-
tions in units of 1 TH ( TH = HSYNC cycle).
Blocks are displayed in conformance with the following rules:
• When the display position is overlapped with another block in the same layer (Figure 2.16.8 (b)), a low
block number (1 to 16) is displayed on the front.
• When another block display position appears while one block is displayed in the same layer (Figure
2.16.8 (c)), the block with a larger set value as the vertical display start position is displayed. However,
do not display block with the dot size of 2TC ✕ 2H or 3TC ✕ 3H during display period (✽) of another block.
✽ In the case of OSDS/P mode block: 20 dots in vertical from the vertical display start position.
✽ In the case of OSDL mode block: 32 dots in vertical from the vertical display start position.
✽ In the case of CC or CDOSD mode block: 26 dots in vertical from the vertical display start position.
Figure 2.16.8 Display position
HP
VP2
Block 1
Block 2
(a) Example when each block is separated
VP3
Block 3
HP
VP1 = VP2
Block 1
(b) Example when block 2 overlaps with block 1
(Block 2 is not displayed)
HP
VP1
VP2
(c) Example when block 2 overlaps in process of block 1
Block 1
Block 2
Note: VPi (i = 1 to 16) indicates the vertical display start position of display block i.
VP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com