Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 190 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 190 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 186Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 187Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 188Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 189Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 190Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 191Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 192Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 193Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 194Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 190 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 190 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.4 Clock for OSD
As a clock for display to be used for OSD, it is possible to select one of the following 3 types.
• Data slicer clock output from the data slicer (approximately 26 MHz)
• Clock from the LC oscillator supplied from the pins OSC1 and OSC2
• Clock from the ceramic resonator (or the quartz-crystal oscillator) from the pins OSC1 and OSC2
Figure 2.16.15 Clock control register
Figure 2.16.16 Block Diagram of OSD selection circuit
Clock selection bit
0: Data slicer clock
1: OSC1 clock
Reserved bit
OSC1 oscillating mode
selection bits
0 0: Stopped
0 1: Do not set.
1 0: LC oscillating mode
1 1: Ceramic • quartz-crystal
oscillating mode
b2
b1
b7 b6 b5 b4 b3 b2 b1 b0
Bit name
Function
Clock control register
Bit symbol
Symbol
Address
When reset
CS
020516
0016
R W
CS0
CS1
Must always be set to “0”
0
0
0
CS2
Reserved bits
Must always be set to “0”
R', G', B' signal output
control bit
0: R', G', B' output invalid
1: R', G', B' output valid
CS4
0
Data slicer
circuit
Data slicer clock
OSC1 clock
LC
Ceramic •
quartz-crystal
Oscillating mode for OSD
CS2, CS1
OSD control circuit
CS0
(See note)
Note : To use data slicer clock, set bit 0 of data slicer control register 1 to “1.”
“10”
“11”
“0”
“1”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com