Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 191 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 191 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 187Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 188Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 189Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 190Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 191Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 192Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 193Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 194Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 195Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 191 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.5 Field Determination Display
To display the block with vertical dot size of 1/2H, whether an even field or an odd field is determined
through differences in a synchronizing signal waveform of interlacing system. The dot line 0 or 1 (refer to
Figure 2.16.18) corresponding to the field is displayed alternately.
In the following, the field determination standard for the case where both the horizontal sync signal and
the vertical sync signal are negative-polarity inputs will be explained. A field determination is determined
by detecting the time from a falling edge of the horizontal sync signal until a falling edge of the VSYNC
control signal (refer to Figure 2.16.9) in the microcomputer and then comparing this time with the time of
the previous field. When the time is longer than the comparing time, it is regarded as even field. When the
time is shorter, it is regarded as odd field.
The field determination flag changes at a rising edge of VSYNC control signal in the microcomputer .
The contents of this field can be read out by the field determination flag (bit 7 of the I/O polarity control
register at address 020616). A dot line is specified by bit 6 of the I/O polarity control register (refer to
Figure 2.16.18).
However, the field determination flag read out from the CPU is fixed to “0” at even field or “1” at odd field,
regardless of bit 6.
Figure 2.16.17 I/O polarity control register
I/O polarity control register
HSYNC input
polarity switch bit
0 : Positive polarity input
1 : Negative polarity input
0 : Positive polarity input
1 : Negative polarity input
R, G, B output
polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
VSYNC input
polarity switch bit
R W
Note: Refer to Figure 2.16.19.
0 : “
” at even field
“
” at odd field
1 : “
” at even field
“
” at odd field
OUT1 output
polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
OUT2 output
polarity switch bit
0 : Positive polarity output
1 : Negative polarity output
Display dot line
selection bit
(See note)
Field determination
flag
0 : Even field
1 : Odd field
b7 b6 b5 b4 b3 b2 b1 b0
Symbol
PC
Bit symbol
Bit name
Function
Address
020616
When reset
1000X0002
PC0
PC1
PC2
PC4
PC5
PC6
PC7
Must always be set to “0.”
Reserved bit
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com