Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 195 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 195 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 191Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 192Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 193Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 194Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 195Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 196Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 197Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 198Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 199Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 195 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 195 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.21 Character font data storing address (OSDL disable mode)
Font (1)
Font (2)
(Character codes 00016 to 27F16)
Line
number (1)
0216
0916
0316
0416
0516
0616
0716
0816
1116
0B16
0C16
0D16
0E16
0F16
1016
1516
1216
1316
1416
Area 0
Area 1
b0
b7
b0
b7
0A16
0916
0616
0716
0816
1716
0B16
0C16
0D16
0E16
0F16
1616
1B16
1816
1916
1A16
Area 0
Area 1
b0
b7
b0
b7
0A16
1F16
1C16
1D16
1E16
AD16 AD15 AD14 AD13 AD12 AD11 AD10
AD9
AD8
AD7
AD6
AD5
AD4
AD3
AD2
AD1
AD0
OSD ROM
address bit
Font (1)
Character codes
00016 to 1FF16
Line number (1) (MSB to LSB)
Character code (C8 to C0)
Area
bit
Character
code
(C9)=0
0
Line number (1) (MSB to LSB)
Character code (C8 to C0)
Area
bit
Character
code
(C9)=1
0
Line number (3)
(NL3 to NL0)
Character code (C6 to C0)
0
Kinds of font
Structure of address pointer
0
Area
bit
Font (2)
Character codes
20016 to 27F16
Font (3)
Character codes
28016 to 2FF16
1
Line
number (2)
Line
number
(3)
(NL4)
OSD ROM address of character font data (OSDL disable mode)
Line number (1) = “0216” to “1516”
Line number (3) = “0616” to “0F16” and “1616” to “1F16”
Character code = “00016” to “2FF16” (“0FE16,” “0FF16,” “10016,” “18016,” “20016” and “28016” cannot be used. Write “FF16” to corresponding addresses.)
Area bit = 0: Area 0
1: Area 1
Font (3)
(Character codes 28016 to 2FF16)
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com