Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 196 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 196 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 192Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 193Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 194Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 195Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 196Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 197Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 198Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 199Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 200Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 196 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 196 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 2.16.22 Conditions for each OSDL enable/disable mode
OSDL enable/
disable mode
Display mode
& character code
OSDL enable mode
(Bit 0 of OSD control register 4 = “0”)
Display mode
Specified
character
code
Display OFF
Depending on the relationship of OSDL enable/disable mode, display mode and character code, note the conditions below.
30016
to
3FF16
OSDL disable mode
(Bit 0 of OSD control register 4 = “1”)
28016
to
2FF16
20016
to
27F16
10016
to
1FF16
00016
to
0FF16
Used
Used
(See note 1)
Used
Used
Not used
(See note 3)
Not used
(See note 3)
Not used
(See note 3)
Used
Used
Used
Used
Display OFF
Used
Used
(No border )
(See note 2)
Display OFF
Not used
Notes 1: Part of 24 ✕ 32 font is displayed.
24
32
16
24
32
16
20
2: In OSDL disable mode, character
codes “28016” to “2FF16” are used
in OSDS/P mode (no border).
3: As setting this make output of
font data indeterminate, do not use.
However, “3FE16” and “3FF16” can
be used as character codes of
blank font output in OSDP mode.
Used
(See note 1)
L
S
S
CC
OSDS/P
OSDL
CC
OSDS/P
OSDL
Display OFF
Display OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com