Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 213Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 214Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 215Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 216Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 217Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 218Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 219Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 220Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 217 of 269
M306V2ME-XXXFP, M306V2EEFP
0
01
Table 2.16.10 Setting for automatic solid space
01
Bit 4 of OSD control register 1
Bit 3 of OSD control register 2
RC17 of OSD RAM
OUT1 output signal
OUT2 output signal
2.16.11 Automatic Solid Space Function
This function generates automatically the solid space (OUT1 or OUT2 blank output) of the character area
in the CC mode.
The solid space is output in the following area :
• the character area except character code “00916 ”
•the character area on the left and right sides
This function is turned on and off by bit 4 of the OSD control register 1 (refer to Figure 2.16.3).
OUT1 or OUT2 output is selected by bit 3 of the OSD control register 2.
Notes 1: When selecting OUT1 as solid space output, character background color with solid space
output is fixed to color palette 8 (black) regardless of setting.
2: When selecting any font except blank font as the character code “00916,” the set font is output.
0
1
Figure 2.16.38 Display screen example of automatic solid space
OFF
•Character font area
•Character background
area
0
•Character
display area
01
OFF
•Character font area
•Character background
area
1
OFF
•Solid space area
•Character
display area
•Character
display area
1
01
•Solid space
•Solid space
•Character
display area
•Character font area
•Character background
area
005 009 009 009 006 006
16
16
16
16
16
16
006
16
• • •
• • •
When setting the character code “00516” as the character A, “00616” as the character B.
(OSD RAM)
(Display screen)
2nd
character
No solid space
output
32nd character (in 32-character mode)
42nd character (in 42-character mode)
1st
character



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com