Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 220 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 220 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 216Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 217Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 218Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 219Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 220Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 221Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 222Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 223Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 224Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 220 of 269
M306V2ME-XXXFP, M306V2EEFP
2.16.13 Multiline Display
This microcomputer can ordinarily display 16 lines on the CRT screen by displaying 16 blocks at different
vertical positions. In addition, it can display up to 16 lines by using OSD1 interrupts.
An OSD1 interrupt request occurs at the point at which display of each block has been completed. In
other words, when a scanning line reaches the point of the display position (specified by the vertical
position registers) of a certain block, the character display of that block starts, and an interrupt occurs at
the point at which the scanning line exceeds the block. The mode in which an OSD1 interrupt occurs is
different depending on the setting of the OSD control register 2 (refer to Figure 2.16.7).
• When bit 7 of the OSD control register 2 is “0”
An OSD1 interrupt request occurs at the completion of layer 1 block display.
• When bit 7 of the OSD control register 2 is “1”
An OSD1 interrupt request occurs at the completion of layer 2 block display.
Notes 1: An OSD1 interrupt does not occur at the end of display when the block is not displayed. In other
words, if a block is set to off display by the display control bit of the block control register i
(addresses 021016 to 021F16), an OSD1 interrupt request does not occur (refer to Figure
2.16.41 (A)).
2: When another block display appears while one block is displayed, an OSD1 interrupt request
occurs only once at the end of the another block display (refer to Figure 2.16.40 (B)).
3: On the screen setting window, an OSD1 interrupt occurs even at the end of the CC mode block
(off display) out of window (refer to Figure 2.16.40 (C)).
Figure 2.16.40 Note on occurrence of OSD1 interrupt
(B)
(C)
Block 1 (on display)
Block 2 (on display)
Block 3 (on display)
Block 4 (on display)
Block 1 (on display)
Block 2 (on display)
Block 3 (off display)
Block 4 (off display)
“OSD1 interrupt request”
“OSD1 interrupt request”
“OSD1 interrupt request”
“OSD1 interrupt request”
“OSD1 interrupt request”
“OSD1 interrupt request”
No
“OSD1 interrupt request”
Block 1
Block 2
“OSD1 interrupt request”
“OSD1 interrupt request”
“OSD1 interrupt request”
“OSD1 interrupt request”
Block 1
Block 2
Block 3
On display (OSD1 interrupt request occurs
at the end of block display)
Off display (OSD1 interrupt request does
not occur at the end of block display)
Window
No
“OSD1 interrupt request”
No
“OSD1 interrupt request”
(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com