Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 264 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 264 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 260Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 261Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 262Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 263Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 264Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 265Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 266Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 267Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 268Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 264 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 264 of 269
M306V2ME-XXXFP, M306V2EEFP
Figure 5.10.5 Timing diagram in memory expansion mode and microprocessor mode (4)
Memory Expansion Mode and Microprocessor Mode
(When accessing external memory area with wait, and select multiplexed bus)
BCLK
CSi
td(BCLK–CS)
35ns.max
td(BCLK–AD)
35ns.max
ALE
th(BCLK–ALE)
–4ns.min
RD
35ns.max
th(BCLK–RD)
0ns.min
th(BCLK–AD)
4ns.min
th(BCLK–CS)
4ns.min
tcyc
th(RD–CS)
th(RD–AD)
ADi
BHE
ADi
/DBi
th(RD–DB)
0ns.min
td(AD–ALE)
Read timing
td(BCLK–WR)
35ns.max
th(BCLK–WR)
0ns.min
BCLK
CSi
td(BCLK–CS)
35ns.max
td(BCLK–AD)
35ns.max
ALE
35ns.max
th(BCLK–ALE)
–4ns.min
th(BCLK–AD)
4ns.min
th(BCLK–CS)
4ns.min
tcyc
th(WR–AD)
ADi
BHE
td(BCLK–DB)
40ns.max
4ns.min
th(BCLK–DB)
td(DB–WR)
th(WR–DB)
ADi
/DBi
Write timing
Address
Measuring conditions
• VCC=5V
• Input timing voltage : Determined with VIL=0.8V, VIH=2.5V
• Output timing voltage : Determined with V OL=0.8V, VOH=2.0V
(tcyc/2)ns.min
Address
Data input
40ns.min
(tcyc/2)ns.min
td(BCLK–ALE)
td(BCLK–RD)
(tcyc/2)ns.min
th(WR–CS)
Address
td(AD–ALE)
(tcyc/2–25)ns.min
(tcyc*3/2–40)ns.min
(tcyc/2)ns.min
td(BCLK–ALE)
(tcyc/2-25)ns.min
Address
35ns.max
tSU(DB–RD)
tac3(RD–DB)
(tcyc/2)ns.min
th(ALE–AD)
30ns.min
td(AD–RD)
0ns.min
tdz(RD–AD)
8ns.max
td(AD–WR)
0ns.min
Data output
WR,WRL,
WRH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com