Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M306V2EEFS Datasheet(PDF) 267 Page - Renesas Technology Corp

Part # M306V2EEFS
Description  SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
PDF  271 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

M306V2EEFS Datasheet(HTML) 267 Page - Renesas Technology Corp

Back Button M306V2EEFS Datasheet HTML 263Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 264Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 265Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 266Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 267Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 268Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 269Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 270Page - Renesas Technology Corp M306V2EEFS Datasheet HTML 271Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 267 / 271 page
background image
Rev.1.40
Oct 06, 2004 page 267 of 269
M306V2ME-XXXFP, M306V2EEFP
Structure of Register
Refer to the figure below as for each register.
Values immediately
after reset release
<Example>
Bit attributes
(Note 1)
(Note 2)
Processor mode register 1 (Note)
SymbolAddressWhen reset
PM1000516
00000X002
Bit nameFunction
Bit symbol
W
R
b7b6b5b4b3b2b1b0
Nothing is assigned.
In an attempt to write to this bit, write “0.” The value, if read, turns out to be
indeterminate.
Reserved bit
Must always be set to “0”
0
PM17
Wait bit
0 : No wait state
1 : Wait state inserted
Reserved bits
Must always be set to “0”
00
0
: Bit in which nothing is assigned
2: Bit attributes••••••The attributes of control register bits are classified into 3 types : read-only,
write-only and read and write. In the figure, these attributes are represented
as follows :
Notes 1: Values immediately after reset release
0 ••••••••••••••••••“0” after reset release
1 ••••••••••••••••••“1” after reset release
? ••••••••••••••••••Indeterminate after reset release
✕••••••••••••••••••Bit in which nothing is assigned
••••••Read enabled
✕••••••Read disabled
••••••Bit in which nothing is assigned (The read value is indeterminate unless otherwise mentioned.)
R••••••Read
W••••••Write
••••••Write enabled
✕••••••Write disabled
••••••Bit in which nothing is assigned
0
1
Reserved bit
Must always be set to “1”
Note: As bit 1 of this register becomes “0” at reset, must always be set to “1” after reset
release. Set bit 1 of the protect register (address 000A16) to “1” when writing new
values to this register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com