Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 38 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 38 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 34Page - Renesas Technology Corp 7516 Datasheet HTML 35Page - Renesas Technology Corp 7516 Datasheet HTML 36Page - Renesas Technology Corp 7516 Datasheet HTML 37Page - Renesas Technology Corp 7516 Datasheet HTML 38Page - Renesas Technology Corp 7516 Datasheet HTML 39Page - Renesas Technology Corp 7516 Datasheet HTML 40Page - Renesas Technology Corp 7516 Datasheet HTML 41Page - Renesas Technology Corp 7516 Datasheet HTML 42Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 38 of 89
7516 Group
Example of Master Transmission
An example of master transmission in the standard clock mode, at
the SCL frequency of 100 kHz and in the ACK return mode is
shown below.
➀ Set a slave address in the high-order 7 bits of the I2C address
register (address 002C16) and “0” into the RWB bit.
➁ Set the ACK return mode and SCL = 100 kHz by setting “8516”
in the I2C clock control register (address 002F16).
➂ Set “0016” in the I2C status register (address 002D16) so that
transmission/reception mode can become initializing condition.
➃ Set a communication enable status by setting “0816” in the I2C
control register (address 002E16).
➄ Confirm the bus free condition by the BB flag of the I2C status
register (address 002D16).
➅ Set the address data of the destination of transmission in the
high-order 7 bits of the I2C data shift register (address 002B16)
and set “0” in the least significant bit.
➆ Set “F016” in the I2C status register (address 002D16) to gener-
ate a START condition. At this time, an SCL for 1 byte and an
ACK clock automatically occur.
➇ Set transmit data in the I2C data shift register (address 002B16).
At this time, an SCL and an ACK clock automatically occur.
➈ When transmitting control data of more than 1 byte, repeat step
➇.
➉ Set “D016” in the I2C status register (address 002D16) to gener-
ate a STOP condition if ACK is not returned from slave
reception side or transmission ends.
Example of Slave Reception
An example of slave reception in the high-speed clock mode, at
the SCL frequency of 400 kHz, in the ACK non-return mode and
using the addressing format is shown below.
➀ Set a slave address in the high-order 7 bits of the I2C address
register (address 002C16) and “0” in the RWB bit.
➁ Set the no ACK clock mode and SCL = 400 kHz by setting
“2516” in the I2C clock control register (address 002F16).
➂ Set “0016” in the I2C status register (address 002D16) so that
transmission/reception mode can become initializing condition.
➃ Set a communication enable status by setting “0816” in the I2C
control register (address 002E16).
➄ When a START condition is received, an address comparison is
performed.
➅ •When all transmitted addresses are “0” (general call):
AD0 of the I2C status register (address 002D16) is set to “1”
and an interrupt request signal occurs.
• When the transmitted addresses agree with the address set
in ➀:
AAS of the I2C status register (address 002D16) is set to “1”
and an interrupt request signal occurs.
• In the cases other than the above AD0 and AAS of the I2C sta-
tus register (address 002D16) are set to “0” and no interrupt
request signal occurs.
➆ Set dummy data in the I2C data shift register (address 002B16).
➇ When receiving control data of more than 1 byte, repeat step ➆.
➈ When a STOP condition is detected, the communication ends.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com