Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 4 Page - Renesas Technology Corp

  7516 Datasheet HTML 1Page - Renesas Technology Corp 7516 Datasheet HTML 2Page - Renesas Technology Corp 7516 Datasheet HTML 3Page - Renesas Technology Corp 7516 Datasheet HTML 4Page - Renesas Technology Corp 7516 Datasheet HTML 5Page - Renesas Technology Corp 7516 Datasheet HTML 6Page - Renesas Technology Corp 7516 Datasheet HTML 7Page - Renesas Technology Corp 7516 Datasheet HTML 8Page - Renesas Technology Corp 7516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 4 of 89
7516 Group
PART NUMBERING
Fig. 3 Part numbering
M37516 M 8
– XXX HP
Product name
Package type
HP : 48P6Q-A
ROM number
Omitted in One Time PROM version shipped in blank and
flash memory version.
ROM/PROM/Flash memory size
1
2
3
4
5
6
7
8
: 4096 bytes
: 8192 bytes
: 12288 bytes
: 16384 bytes
: 20480 bytes
: 24576 bytes
: 28672 bytes
: 32768 bytes
The first 128 bytes and the last 2 bytes of ROM are reserved areas ; they
cannot be used as a user’s ROM area.
However, they can be programmed or erased in the flash memory version,
so that the users can use them.
Memory type
M : Mask ROM version
E : One Time PROM version
F : Flash memory version
Differences of functions
– : standard
Omitted in One Time PROM version shipped in blank and
flash memory version.
: 36864 bytes
: 40960 bytes
: 45056 bytes
: 49152 bytes
: 53248 bytes
: 57344 bytes
: 61440 bytes
9
A
B
C
D
E
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com