Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 1 Page - Renesas Technology Corp

  7516 Datasheet HTML 1Page - Renesas Technology Corp 7516 Datasheet HTML 2Page - Renesas Technology Corp 7516 Datasheet HTML 3Page - Renesas Technology Corp 7516 Datasheet HTML 4Page - Renesas Technology Corp 7516 Datasheet HTML 5Page - Renesas Technology Corp 7516 Datasheet HTML 6Page - Renesas Technology Corp 7516 Datasheet HTML 7Page - Renesas Technology Corp 7516 Datasheet HTML 8Page - Renesas Technology Corp 7516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 1 of 89
7516 Group
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
DESCRIPTION
The 7516 group is the 8-bit microcomputer based on the 740 fam-
ily core technology.
The 7516 group is designed for the household products and office
automation equipment and includes serial I/O functions, 8-bit
timer, A-D converter, and I2C-BUS interface.
FEATURES
qBasic machine-language instructions ...................................... 71
qMinimum instruction execution time .................................. 0.5
µs
(at 8 MHz oscillation frequency)
qMemory size
ROM ............................................................... 16 K to 32 K bytes
RAM .................................................................... 512 to 1 K bytes
qProgrammable input/output ports ............................................ 40
qInterrupts ................................................. 17 sources, 16 vectors
qTimers ............................................................................. 8-bit ✕ 4
qSerial I/O1 ................... 8-bit ✕ 1 (UART or Clock-synchronized)
qSerial I/O2 ................................... 8-bit ✕ 1(Clock-synchronized)
qMulti-master I2C-BUS interface (option) ...................... 1 channel
qPWM ............................................................................... 8-bit ✕ 1
qA-D converter ............................................... 10-bit ✕ 8 channels
qWatchdog timer ............................................................ 16-bit ✕ 1
PIN CONFIGURATION (TOP VIEW)
Fig. 1 M37516F8HP pin configuration
qClock generating circuit ..................................... Built-in 2 circuits
(connect to external ceramic resonator or quartz-crystal oscillator)
qPower source voltage
In high-speed mode .................................................. 4.0 to 5.5 V
(at 8 MHz oscillation frequency)
In high-speed mode .................................................. 2.7 to 5.5 V
(at 4 MHz oscillation frequency)
In middle-speed mode ............................................... 2.7 to 5.5 V
(at 8 MHz oscillation frequency)
In low-speed mode .................................................... 2.7 to 5.5 V
(at 32 kHz oscillation frequency)
qPower dissipation
In high-speed mode .......................................................... 34 mW
(at 8 MHz oscillation frequency, at 5 V power source voltage)
In low-speed mode
Except M37516F8HP ........................................................ 60
µW
M37516F8HP .................................................................. 450
µW
(at 32 kHz oscillation frequency, at 3 V power source voltage)
qOperating temperature range .................................... –20 to 85°C
APPLICATION
Office automation equipment, FA equipment, Household products,
Consumer electronics, etc.
23
22
13
37
38
39
40
41
42
43
44
45
46
47
48
24
21
20
19
18
17
16
15
14
Package type : 48P6Q-A
P17/(LED7)
P12/(LED2)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P16/(LED6)
VSS
XOUT
XIN
RESET
P20/XCOUT
P21/XCIN
P35/AN5
P34/AN4
P31/AN1
P30/AN0
VCC
AVSS
P47
P46
P33/AN3
P32/AN2
VREF
P45
M37516M8-XXXHP
REJ03B0042-0101Z
Rev.1.01
Jul 01, 2003


Similar Part No. - 7516

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
7516-RC BOURNS-7516-RC Datasheet
89Kb / 1P
Common Mode Inductors/EMI Filters
logo
FCI connector
75160-102-36LF FCI-CONNECTOR-75160-102-36LF Datasheet
114Kb / 2P
HEADER SR, STR 2.54mm PITCH
logo
List of Unclassifed Man...
75160-150-02LF ETC2-75160-150-02LF Datasheet
114Kb / 2P
HEADER SR,STR 2.54MM PITCH
logo
Alpha Wire
751626 ALPHAWIRE-751626 Datasheet
98Kb / 4P
Customer Specification
3/12/2023
logo
APM Hexseal Corporation...
75163 APM-75163 Datasheet
1Mb / 6P
SELF-SEALING FASTENERS
More results

Similar Description - 7516

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37630M4T MITSUBISHI-M37630M4T Datasheet
571Kb / 48P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
38D5 RENESAS-38D5 Datasheet
2Mb / 141P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3826OTP RENESAS-3826OTP Datasheet
999Kb / 91P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38K0 RENESAS-38K0 Datasheet
1Mb / 133P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M3882 RENESAS-M3882 Datasheet
600Kb / 62P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C3 RENESAS-38C3 Datasheet
930Kb / 63P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
38C8 RENESAS-38C8 Datasheet
974Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
3825 RENESAS-3825 Datasheet
1Mb / 71P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37515M4-XXXHP RENESAS-M37515M4-XXXHP Datasheet
800Kb / 55P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
M37161M8 RENESAS-M37161M8 Datasheet
1Mb / 129P
SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com