Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 3 Page - Renesas Technology Corp

  7516 Datasheet HTML 1Page - Renesas Technology Corp 7516 Datasheet HTML 2Page - Renesas Technology Corp 7516 Datasheet HTML 3Page - Renesas Technology Corp 7516 Datasheet HTML 4Page - Renesas Technology Corp 7516 Datasheet HTML 5Page - Renesas Technology Corp 7516 Datasheet HTML 6Page - Renesas Technology Corp 7516 Datasheet HTML 7Page - Renesas Technology Corp 7516 Datasheet HTML 8Page - Renesas Technology Corp 7516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 3 of 89
7516 Group
Table 1 Pin description
VCC, VSS
CNVSS
VREF
AVss
RESET
XIN
XOUT
P00/SIN2
P01/SOUT2
P02/SCLK2
P03/SRDY2
P04–P07
P10–P17
P20/XCOUT
P21/XCIN
P22/SDA1
P23/SCL1
P24/SDA2/RxD
P25/SCL2/TxD
P26/SCLK
P27/CNTR0/
SRDY1
P30/AN0–
P37/AN7
P40/CNTR1
P41/INT0
P42/INT1
P43/INT2/SCMP2
P44/INT3/PWM
P45–P47
Functions
Name
Pin
•Apply voltage of 2.7 V – 5.5 V to Vcc, and 0 V to Vss.
•This pin controls the operation mode of the chip.
•Normally connected to VSS.
•Reference voltage input pin for A-D converter.
•Analog power source input pin for A-D converter.
•Connect to Vss.
•Reset input pin for active “L”.
•Input and output pins for the clock generating circuit.
•Connect a ceramic resonator or quartz-crystal oscillator between the XIN and XOUT pins to set
the oscillation frequency.
•When an external clock is used, connect the clock source to the XIN pin and leave the XOUT
pin open.
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•CMOS 3-state output structure.
•P10 to P17 (8 bits) are enabled to output large current for LED drive.
Power source
CNVSS input
Reference
voltage input
Analog power
source input
Reset input
Clock input
Clock output
I/O port P0
I/O port P1
I/O port P2
I/O port P3
I/O port P4
Function except a port function
• Sub-clock generating circuit I/O
pins (connect a resonator)
• I2C-BUS interface function pins
• I2C-BUS interface function pin/
Serial I/O1 function pins
• Serial I/O1 function pin
• Serial I/O1 function pin/
Timer X function pin
• Serial I/O2 function pin
• A-D converter input pin
• Timer Y function pin
• Interrupt input pins
• Interrupt input pin/SCMP2 output pin
• Interrupt input pin/PWM output pin
•8-bit CMOS I/O port.
•I/O direction register allows each pin to be individually
programmed as either input or output.
•CMOS compatible input level.
•P22 to P25 can be switched between CMOS compat-
ible input level or SMBUS input level in the I2C-BUS
interface function.
•P20, P21, P24 to P27: CMOS 3-state output structure.
•P24, P25: N-channel open-drain structure in the I2C-
BUS interface function.
•P22, P23: N-channel open-drain structure.
•8-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.
•8-bit CMOS I/O port with the same function as port P0.
•CMOS compatible input level.
•CMOS 3-state output structure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com