Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 63 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 63 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 59Page - Renesas Technology Corp 7516 Datasheet HTML 60Page - Renesas Technology Corp 7516 Datasheet HTML 61Page - Renesas Technology Corp 7516 Datasheet HTML 62Page - Renesas Technology Corp 7516 Datasheet HTML 63Page - Renesas Technology Corp 7516 Datasheet HTML 64Page - Renesas Technology Corp 7516 Datasheet HTML 65Page - Renesas Technology Corp 7516 Datasheet HTML 66Page - Renesas Technology Corp 7516 Datasheet HTML 67Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 63 of 89
7516 Group
Fig. 65 Pin connection diagram in standard serial I/O mode
23
22
13
37
38
39
40
41
42
43
44
45
46
47
48
24
21
20
19
18
17
16
15
14
P17/(LED7)
P12/(LED2)
P13/(LED3)
P14/(LED4)
P15/(LED5)
P16/(LED6)
VSS
XOUT
XIN
RESET
P20/XCOUT
P21/XCIN
P35/AN5
P34/AN4
P31/AN1
P30/AN0
VCC
AVSS
P47
P46
P33/AN3
P32/AN2
VREF
P45
M37516F8HP
VCC
VSS
Signal
CNVSS
P41
Value
4.5 to 5.5 V
VCC ✽ 3
Mode setup method
RESET
✽2
Notes 1: Connect oscillator circuit
2: Connect to Vcc when Vcc = 4.5 V to 5.5 V.
Connect to Vpp (=4.5 V to 5.5 V) when Vcc = 2.7 V to 4.5 V.
3: It is necessary to apply Vcc only when reset is released.
✽1
RESET
VSS
VCC
SCLK
VCC ✽ 3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com