Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 5 Page - Renesas Technology Corp

  7516 Datasheet HTML 1Page - Renesas Technology Corp 7516 Datasheet HTML 2Page - Renesas Technology Corp 7516 Datasheet HTML 3Page - Renesas Technology Corp 7516 Datasheet HTML 4Page - Renesas Technology Corp 7516 Datasheet HTML 5Page - Renesas Technology Corp 7516 Datasheet HTML 6Page - Renesas Technology Corp 7516 Datasheet HTML 7Page - Renesas Technology Corp 7516 Datasheet HTML 8Page - Renesas Technology Corp 7516 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 5 of 89
7516 Group
GROUP EXPANSION
Mitsubishi plans to expand the 7516 group as follows.
Memory Type
Support for mask ROM, One Time PROM, and flash memory ver-
sions.
Memory Size
Flash memory size ......................................................... 32 K bytes
Mask ROM size ................................................. 16 K to 32 K bytes
One Time PROM size ..................................................... 24 K bytes
RAM size ............................................................... 512 to 1 K bytes
Packages
48P6Q-A ............................................... 48-pin plastic-molded QFP
Fig. 4 Memory expansion plan
Memory Expansion Plan
32K
28K
24K
20K
16K
12K
8K
384512640
768
8961024
1152
1280
140815362048
ROM
exteranal
ROM size (bytes)
RAM size (bytes)
M37516M8/F8
M37516M6/E6
Mass production
New product
M37516M4
Mass production
As of Aug. 2002



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com