Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 73 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 73 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 69Page - Renesas Technology Corp 7516 Datasheet HTML 70Page - Renesas Technology Corp 7516 Datasheet HTML 71Page - Renesas Technology Corp 7516 Datasheet HTML 72Page - Renesas Technology Corp 7516 Datasheet HTML 73Page - Renesas Technology Corp 7516 Datasheet HTML 74Page - Renesas Technology Corp 7516 Datasheet HTML 75Page - Renesas Technology Corp 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 73 of 89
7516 Group
Full Status Check
Results from executed erase and program operations can be
known by running a full status check. Figure 75 shows a flowchart
of the full status check and explains how to remedy errors which
occur.
Fig. 75 Full status check flowchart and remedial procedure for errors
Read status register
SR4 = 1 and
SR5 = 1 ?
NO
YES
SR5 = 0 ?
YES
Erase error
NO
SR4 = 0 ?
YES
NO
Command
sequence error
Program error
End (Erase, program)
Execute the clear status register command (5016)
to clear the status register. Try performing the
operation one more time after confirming that the
command is entered correctly.
Should an erase error occur, the block in error
cannot be used.
Note: When one of SR5 to SR4 is set to “1” , none of the program, erase all blocks
commands is accepted. Execute the clear status register command (5016) before
executing these commands.
Should a program error occur, the block in error
cannot be used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com