Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 80 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 80 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 76Page - Renesas Technology Corp 7516 Datasheet HTML 77Page - Renesas Technology Corp 7516 Datasheet HTML 78Page - Renesas Technology Corp 7516 Datasheet HTML 79Page - Renesas Technology Corp 7516 Datasheet HTML 80Page - Renesas Technology Corp 7516 Datasheet HTML 81Page - Renesas Technology Corp 7516 Datasheet HTML 82Page - Renesas Technology Corp 7516 Datasheet HTML 83Page - Renesas Technology Corp 7516 Datasheet HTML 84Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 80 of 89
7516 Group
Table 26 Electrical characteristics
(VCC = 2.7 to 5.5 V, VSS = 0 V, Ta = –20 to 85 °C, unless otherwise noted)
“H” output voltage
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P37, P40–P47
(Note)
“L” output voltage
P00–P07, P20–P27, P30–P37,
P40–P47
“L” output voltage
P10–P17
Hysteresis
CNTR0, CNTR1, INT0–INT3
Hysteresis
RxD, SCLK, SCIN2, SCLK2
Hysteresis
RESET
“H” input current
P00–P07, P10–P17, P20, P21,
P24–P27, P30–P37, P40–P47
“H” input current
RESET, CNVSS
“H” input current
XIN
“L” input current
P00–P07, P10–P17, P20–P27
P30–P37, P40–P47
“L” input current
RESET,CNVSS
“L” input current
XIN
RAM hold voltage
Limits
V
V
V
V
V
V
Parameter
Min.
Typ.
Max.
Symbol
Unit
Note: P25 is measured when the P25/TXD P-channel output disable bit of the UART control register (bit 4 of address 001B16) is “0”.
IOH = –10 mA
VCC = 4.0–5.5 V
IOH = –1.0 mA
VCC = 2.7–5.5 V
IOL = 10 mA
VCC = 4.0–5.5 V
IOL = 1.0 mA
VCC = 2.7–5.5 V
IOL = 20 mA
VCC = 4.0–5.5 V
IOL = 10 mA
VCC = 2.7–5.5 V
VI = VCC
VI = VCC
VI = VCC
VI = VSS
VI = VSS
VI = VSS
When clock stopped
VCC–2.0
VCC–1.0
Test conditions
0.4
0.5
0.5
2.0
1.0
2.0
1.0
VOH
VOL
VOL
VT+–VT–
VT+–VT–
VT+–VT–
IIH
IIH
IIH
IIL
IIL
IIL
VRAM
2.0
4
–4
5.0
5.0
–5.0
–5.0
5.5
V
V
V
µA
µA
µA
µA
µA
µA
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com