Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

7516 Datasheet(PDF) 45 Page - Renesas Technology Corp

Part # 7516
Description  SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER
PDF  90 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7516 Datasheet(HTML) 45 Page - Renesas Technology Corp

Back Button 7516 Datasheet HTML 41Page - Renesas Technology Corp 7516 Datasheet HTML 42Page - Renesas Technology Corp 7516 Datasheet HTML 43Page - Renesas Technology Corp 7516 Datasheet HTML 44Page - Renesas Technology Corp 7516 Datasheet HTML 45Page - Renesas Technology Corp 7516 Datasheet HTML 46Page - Renesas Technology Corp 7516 Datasheet HTML 47Page - Renesas Technology Corp 7516 Datasheet HTML 48Page - Renesas Technology Corp 7516 Datasheet HTML 49Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 90 page
background image
Rev.1.01
Jul 01, 2003
page 45 of 89
7516 Group
Fig. 51 Internal status at reset
00 0
X
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
0016
FF16
0116
0016
0016
FF16
FF16
FF16
FF16
0016
0016
0016
0016
A-D control register (ADCON)
A-D conversion low-order register (ADL)
A-D conversion high-order register (ADH)
MISRG
Watchdog timer control register (WDTCON)
Interrupt edge selection register (INTEDGE)
CPU mode register (CPUM)
Interrupt request register 1 (IREQ1)
Interrupt request register 2 (IREQ2)
Interrupt control register 1 (ICON1)
Interrupt control register 2 (ICON2)
Processor status register
Program counter
Note : X : Not fixed
Since the initial values for other than above mentioned registers and
RAM contents are indefinite at reset, they must be set.
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
(10)
(11)
(12)
(13)
(14)
(15)
(16)
(17)
(18)
(19)
(20)
(21)
(22)
(23)
(24)
(25)
(26)
(27)
(28)
(29)
(30)
(31)
(32)
(33)
(34)
(35)
(36)
AddressRegister contents
Port P0 (P0)
Port P0 direction register (P0D)
Port P1 (P1)
Port P1 direction register (P1D)
Port P2 (P2)
Port P2 direction register (P2D)
Port P3 (P3)
Port P3 direction register (P3D)
Port P4 (P4)
Port P4 direction register (P4D)
Serial I/O2 control register 1 (SIO2CON1)
Serial I/O2 control register 2 (SIO2CON2)
Serial I/O2 register (SIO2)
Transmit/Receive buffer register (TB/RB)
Serial I/O1 status register (SIOSTS)
Serial I/O1 control register (SIOCON)
UART control register (UARTCON)
Baud rate generator (BRG)
PWM control register (PWMCON)
PWM prescaler (PREPWM)
PWM register (PWM)
Prescaler 12 (PRE12)
Timer 1 (T1)
Timer 2 (T2)
Timer XY mode register (TM)
Prescaler X (PREX)
Timer X (TX)
Prescaler Y (PREY)
Timer Y (TY)
Timer count source selection register (TCSS)
I2C data shift register (S0)
I2C address regiter (S0D)
I2C status register (S1)
I2C control register (S1D)
I2C clock control register (S2)
I2C start/stop condition control register (S2D)
00 0 0 0 1 1 1
1 0 00 00 0 0
X X X X X X X X
000016
000116
000216
000316
000416
000516
000616
000716
000816
000916
001516
001616
001716
001816
001916
001A16
001B16
001C16
001D16
001E16
001F16
002016
002116
002216
002316
002416
002516
002616
002716
002816
002B16
002C16
002D16
002E16
002F16
003016
11 10 00 0 0
X X X X X X X X
X X X X X X X X
X X X X X X X X
X X X X X X X X
(37)
(38)
(39)
(40)
(41)
(42)
(43)
(44)
(45)
(46)
(47)
(48)
(49)
Register contents
003416
003516
003616
003816
003916
003A16
003B16
003C16
003D16
003E16
003F16
(PS)
(PCH)
(PCL)
Address
0016
0016
0016
0016
0016
0016
XX X X X1 X X
FFFD16 contents
FFFC16 contents
0 0 1 1 11 11
0 1 0 010 00
00 0 1 00 0 0
X X X X X X X X
X X
00 0 0 0 0
00 0
0
10 0 X
X X XX
X
X X XX
X X X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com